PART |
Description |
Maker |
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
SABC509-LM SABC509-LMBB SABC509-LMDB SAFC509-LM SA |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16MHz)
|
Infineon
|
C87C251SA16 C87C251SB16 C87C251SP16 C87C251SQ16 N8 |
High-performance CHMOS microcontroller. 8 Kbytes OTPROM/EPROM, 1 Kbytes RAM, 16MHz High-performance CHMOS microcontroller. 16 Kbytes OTPROM/EPROM, 1 Kbytes RAM, 16MHz High-performance CHMOS microcontroller. 8 Kbytes OTPROM/EPROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. 16 Kbytes OTPROM/EPROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. 16Kbytes ROM, 512 bytes RAM, 16MHz High-performance CHMOS microcontroller. CPU-only, 16MHz
|
Intel
|
K50-HC0CSE32.0000MR K50-HC0CSE25.0000MR |
XO 32MHZ 50PPM 5V 50PF-LOAD SMD-7050 TR-7-PL CRYSTAL OSCILLATOR, CLOCK, 32 MHz, CMOS OUTPUT OSCILLATOR 25.00MHZ SMD CRYSTAL OSCILLATOR, CLOCK, 25 MHz, CMOS OUTPUT
|
AVX, Corp.
|
1-1825059-7 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04ST04=DIP SWT,FLUSH,SMT-GW ( Tyco Electronics )
|
Tyco Electronics
|
835-IF145.0M-D |
145.00MHz IF SAW Filter 9.24 MHz Bandwidth
|
Oscilent Corporation
|
835-IF140.0M-09A |
140.00MHz IF SAW Filter 9.25 MHz Bandwidth
|
Oscilent Corporation
|
EC1320-30.000M |
OSCILLATORS 20PPM 0 70 3.3V 4 30.000MHZ NC CMOS FULL 14PIN DIP CRYSTAL OSCILLATOR, CLOCK, 30 MHz, LVCMOS OUTPUT OSCILLATORS 20PPM 0 70 3.3V 4 30.000MHZ NC CMOS FULL 14PIN DIP
|
Ecliptek, Corp. ECLIPTEK CORP
|
LBT15007 |
150MHz High-Loss SAW Filter 6.00MHz Bandwidth
|
SIPAT Co,Ltd
|
LBS15008 |
150MHz High-Loss SAW Filter 4.00MHz Bandwidth
|
SIPAT Co,Ltd
|
ZTTCS-MT |
This specification shall cover the characteristics of the ceramic resonator 6.00-13.00MHZ.
|
Shoulder Electronics Li...
|
EC1345HSTS-500.000K |
OSCILLATORS 50PPM 0 70 3.3V 4 500.000KHZ TS CMOS HALF 8PIN DIP CRYSTAL OSCILLATOR, CLOCK, 0.5 MHz, LVCMOS/TTL OUTPUT OSCILLATORS 50PPM 0 70 3.3V 4 500.000KHZ TS CMOS HALF 8PIN DIP
|
Ecliptek, Corp. ECLIPTEK CORP
|